Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
64
Freescale Semiconductor
Clocking
19.2
Core PLL Configuration
RCWL[COREPLL] selects the ratio between the internal coherent system bus clock (csb_clk) and the e300
core clock (core_clk). Table 57 shows the encodings for RCWL[COREPLL]. COREPLL values that are
not listed in Table 57 should be considered as reserved.
NOTE
Core VCO frequency = core frequency
× VCO divider
VCO divider must be set properly so that the core VCO frequency is in the
range of 800–1800 MHz.
High
0011
6 : 1
100
150
200
High
0100
8 : 1
133
200
266
High
0101
10 : 1
166
250
333
High
0110
12 : 1
200
300
High
0111
14 : 1
233
High
1000
16 : 1
266
1 CFG_CLKIN_DIV doubles csb_clk if set high.
2 CLKIN is the input clock in host mode; PCI_CLK is the input clock in agent mode.
DDR2 memory may be used at 133 MHz provided that the memory components are specified for operation at this frequency.
Table 57. e300 Core PLL Configuration
RCWL[COREPLL]
core_clk : csb_clk Ratio
VCO Divider1
0–1
2–5
6
nn
0000
n
PLL bypassed
(PLL off, csb_clk clocks core directly)
PLL bypassed
(PLL off, csb_clk clocks core directly)
00
0001
01:1
2
01
0001
01:1
4
10
0001
01:1
8
11
0001
01:1
8
00
0001
1
1.5:1
2
01
0001
1
1.5:1
4
10
0001
1
1.5:1
8
11
0001
1
1.5:1
8
Table 56. CSB Frequency Options for Agent Mode (continued)
CFG_CLKIN_DIV
at Reset1
SPMF
csb_clk :
Input Clock Ratio2
Input Clock Frequency (MHz)2
16.67
25
33.33
66.67
csb_clk Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com