Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 79Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
78
Freescale Semiconductor
Document Revision History
3
11/2006
• Updated note in introduction.
• In the features list in Section 1, “Overview,” updated DDR data rate to show 266 MHz for PBGA
parts for all silicon revisions.
• In Table 57, “Suggested PLL Configurations,” added the following row:
• Ref No: 823, SPMF: 1000, Core PLL: 0100011, 400-MHz Device Input Clock Freq: 33, CSB
Freq: 266, and Core Freq: 400.
• In Section 23, “Ordering Information,” replicated note from document introduction.
2
8/2006
• Changed all references to revision 2.0 silicon to revision 3.0 silicon.
• Changed number of general purpose parallel I/O pins to 39 in Section 1, “Overview.”
• Changed VIH minimum value in Table 35, “JTAG Interface DC Electrical Characteristics,” to
OVDD –0.3.
• In Table 40, “PCI DC Electrical Characteristics,” changed high-level input voltage values to min =
2 and max = OVDD + 0.3; changed low-level input voltage values to min = (–0.3) and max = 0.8.
• In Table 44, “PCI DC Electrical Characteristics,” changed high-level input voltage values to min
= 2 and max = OVDD + 0.3; changed low-level input voltage values to min = (–0.3) and max = 0.8.
• In Table 44, “PCI DC Electrical Characteristics,” changed higl-level input voltage values to min = 2
and max = OVDD + 0.3; changed low-level input voltage values to min = (–0.3) and max = 0.8.
• Updated DDR2 I/O power values in Table 5, “MPC8347EA Typical I/O Power Dissipation.”
•
1
4/2006
• Removed Table 20, “Timing Parameters for DDR2-400.”
• Changed ADDR/CMD to ADDR/CMD/MODT in Table 9, “DDR and DDR2 SDRAM Output AC
Timing Specifications,” rows 2 and 3, and in Figure 2, “DDR SDRAM Output Timing Diagram.
• Changed Min and Max values for VIH and VIL in Table 40Table 44,“PCI DC Electrical
Characteristics.”
• In Table 58, “MPC8343EA (PBGA) Pinout Listing,” and Table 52, “MPC8347EA (PBGA) Pinout
Listing,” modified rows for MDICO and MDIC1 signals and added note ‘It is recommended that
MDICO be tied to GRD using an 18
Ω resistor and MCIC1 be tied to DDR power using an 18 Ω
resistor.’
• Table 58, “MPC8343EA (PBGA) Pinout Listing,” in row AVDD3 changed power supply from
“AVDD3” to ‘—.’
0
3/2006
Initial public release.
Table 64. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com