Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
57
Package and Pin Listings
Power and Ground Signals
AVDD1
C15
Power for e300
PLL (1.2 V)
AVDD1—
AVDD2U1
Power for
system PLL
(1.2 V)
AVDD2—
AVDD3
AF9
Power for DDR
DLL (1.2 V)
——
AVDD4
U2
Power for LBIU
DLL (1.2 V)
AVDD4—
GND
A2, B1, B2, D10, D18, E6, E14, E22, F9,
F12, F15, F18, F21, F24, G5, H6, J23,
L4, L6, L12, L13, L14, L15, L16, L17,
M11, M12, M13, M14, M15, M16, M17,
M18, M23, N11, N12, N13, N14, N15,
N16, N17, N18, P6, P11, P12, P13, P14,
P15, P16, P17, P18, P24, R5, R23, R11,
R12, R13, R14, R15, R16, R17, R18,
T11, T12, T13, T14, T15, T16, T17, T18,
U6, U11, U12, U13, U14, U15, U16,
U17, U18, V12, V13, V14, V15, V16,
V17, V23, V25, W4, Y6, AA23, AB24,
AC5, AC8, AC11, AC14, AC17, AC20,
AD9, AD15, AD21, AE12, AE18, AF3,
AF26
——
—
GVDD
U9, V9, W10, W19, Y11, Y12, Y14, Y15,
Y17, Y18, AA6, AB5, AC9, AC12, AC15,
AC18, AC21, AC24, AD6, AD8, AD14,
AD20, AE5, AE11, AE17, AG2, AG27
Power for DDR
DRAM I/O
voltage
(2.5 V)
GVDD
—
LVDD1
U20, W25
Power for three
speed Ethernet
#1 and for
Ethernet
management
interface I/O
(2.5V, 3.3V)
LVDD1
—
LVDD2
V20, Y23
Power for three
speed Ethernet
#2 I/O (2.5 V,
3.3 V)
LVDD2
—
VDD
J11, J12, J15, K10, K11, K12, K13, K14,
K15, K16, K17, K18, K19, L10, L11, L18,
L19, M10, M19, N10, N19, P9, P10, P19,
R10, R19, R20, T10, T19, U10, U19,
V10, V11, V18, V19, W11, W12, W13,
W14, W15, W16, W17, W18
Power for core
(1.2 V)
VDD
—
Table 51. MPC8343EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com