Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
61
Clocking
Table 53 provides the operating frequencies for the MPC8343EA PBGA under recommended operating
conditions.
19.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 54 shows the multiplication factor
encodings for the system PLL.
Table 53. Operating Frequencies for PBGA
Parameter1
1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen so that the resulting csb_clk, MCLK,
LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value
of SCCR[ENCCM], SCCR[USBDRCM], and SCCR[USBMPHCM] must be programmed so that the maximum internal
operating frequency of the Security core and USB modules does not exceed the respective values listed in this table.
266 MHz
333 MHz
400 MHz
Unit
e300 core frequency (core_clk)
200–266
200–333
200–400
MHz
Coherent system bus frequency (csb_clk)
100–266
MHz
DDR1 memory bus frequency (MCK)2
2 The DDR data rate is 2× the DDR memory bus frequency.
100–133
MHz
DDR2 memory bus frequency (MCK)3
3 The DDR data rate is 2× the DDR memory bus frequency.
100–133
MHz
Local bus frequency (LCLKn)4
4 The local bus frequency is ½, ¼, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1× or 2× the
csb_clk frequency (depending on RCWL[LBIUCM]).
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66
MHz
Security core maximum internal operating frequency
133
MHz
USB_DR, USB_MPH maximum internal operating
frequency
133
MHz
Table 54. System PLL Multiplication Factors
RCWL[SPMF]
System PLL Multiplication Factor
0000
× 16
0001
Reserved
0010
× 2
0011
× 3
0100
× 4
0101
× 5
0110
× 6
0111
× 7
1000
× 8
1001
× 9
1010
× 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com