Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
52
Freescale Semiconductor
Package and Pin Listings
MECC[0:4]/MSRCID[0:4]
AG13, AE14, AH12, AH10, AE15
I/O
GVDD
—
MECC[5]/MDVAL
AH14
I/O
GVDD
—
MECC[6:7]
AE13, AH11
I/O
GVDD
—
MDM[0:3]
AG28, AG24, AF20, AG17
O
GVDD
—
MDM[8]
AG12
O
GVDD
—
MDQS[0:3]
AE27, AE26, AE20, AH18
I/O
GVDD
—
MDQS[8]
AH13
I/O
GVDD
—
MBA[0:1]
AF10, AF11
O
GVDD
—
MA[0:14]
AF13, AF15, AG16, AD16, AF17, AH20,
AH19, AH21, AD18, AG21, AD13, AF21,
AF22, AE1, AA5
OGVDD
—
MWE
AD10
O
GVDD
—
MRAS
AF7
O
GVDD
—
MCAS
AG6
O
GVDD
—
MCS[0:3]
AE7, AH7, AH4, AF2
O
GVDD
—
MCKE[0:1]
AG23, AH23
O
GVDD
3
MCK[0:3]
AH15, AE24, AE2, AF14
O
GVDD
—
MCK[0:3]
AG15, AD23, AE3, AG14
O
GVDD
—
MODT[0:3]
AG5, AD4, AH6, AF4
O
GVDD
—
MBA[2]
AD22
O
GVDD
—
MDIC0
AG11
I/O
—
9
MDIC1
AF12
I/O
—
9
Local Bus Controller Interface
LAD[0:31]
T4, T5, T1, R2, R3, T2, R1, R4, P1, P2,
P3, P4, N1, N4, N2, N3, M1, M2, M3, N5,
M4, L1, L2, L3, K1, M5, K2, K3, J1, J2,
L5, J3
I/O
OVDD
—
LDP[0]/CKSTOP_OUT
H1
I/O
OVDD
—
LDP[1]/CKSTOP_IN
K5
I/O
OVDD
—
LDP[2]/LCS[4]
H2
I/O
OVDD
—
LDP[3]/LCS[5]
G1
I/O
OVDD
—
LA[27:31]
J4, H3, G2, F1, G3
O
OVDD
—
LCS[0:3]
J5, H4, F2, E1
O
OVDD
—
LWE[0:3]/LSDDQM[0:3]/LBS[0:3]
F3, G4, D1, E2
O
OVDD
—
Table 51. MPC8343EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com