Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
55
Package and Pin Listings
TSEC1_RX_DV
U24
I
LVDD1
—
TSEC1_RX_ER/GPIO2[26]
L28
I/O
OVDD
—
TSEC1_RXD[3:0]
W26, W24, Y28, Y27
I
LVDD1
—
TSEC1_TX_CLK
N25
I
OVDD
—
TSEC1_TXD[3:0]
V28, V27, V26, W28
O
LVDD1
10
TSEC1_TX_EN
W27
O
LVDD1
—
TSEC1_TX_ER/GPIO2[31]
N24
I/O
OVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 2)
TSEC2_COL/GPIO1[21]
P28
I/O
OVDD
—
TSEC2_CRS/GPIO1[22]
AC28
I/O
LVDD2
—
TSEC2_GTX_CLK
AC27
O
LVDD2
—
TSEC2_RX_CLK
AB25
I
LVDD2
—
TSEC2_RX_DV/GPIO1[23]
AC26
I/O
LVDD2
—
TSEC2_RXD[3:0]/GPIO1[13:16]
AA25, AA26, AA27, AA28
I/O
LVDD2
—
TSEC2_RX_ER/GPIO1[25]
R25
I/O
OVDD
—
TSEC2_TXD[3:0]/GPIO1[17:20]
AB26, AB27, AA24, AB28
I/O
LVDD2
—
TSEC2_TX_ER/GPIO1[24]
R27
I/O
OVDD
—
TSEC2_TX_EN/GPIO1[12]
AD28
I/O
LVDD2
3
TSEC2_TX_CLK/GPIO1[30]
R26
I/O
OVDD
—
DUART
UART_SOUT[1:2]/MSRCID[0:1]/
LSRCID[0:1]
B4, A4
O
OVDD
—
UART_SIN[1:2]/MSRCID[2:3]/
LSRCID[2:3]
D5, C5
I/O
OVDD
—
UART_CTS[1]/MSRCID4/LSRCID4
B5
I/O
OVDD
—
UART_CTS[2]/MDVAL/LDVAL
A5
I/O
OVDD
—
UART_RTS[1:2]
D6, C6
O
OVDD
—
I2C interface
IIC1_SDA
E5
I/O
OVDD
2
IIC1_SCL
A6
I/O
OVDD
2
IIC2_SDA
B6
I/O
OVDD
2
IIC2_SCL
E7
I/O
OVDD
2
Table 51. MPC8343EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com