Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
11
Clock Input Timing
4
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the device.
4.1
DC Electrical Characteristics
Table 6 provides the clock input (CLKIN/PCI_SYNC_IN) DC timing specifications for the MPC8343EA.
4.2
AC Electrical Characteristics
The primary clock source for the MPC8343EA can be one of two inputs, CLKIN or PCI_CLK, depending
on whether the device is configured in PCI host or PCI agent mode. Table 7 provides the clock input
(CLKIN/PCI_CLK) AC timing specifications for the device.
TSEC I/O
load = 25 pF
MII
—
—
0.01
—
W
Multiply by number
of interfaces used.
GMII or TBI
—
—
0.06
—
W
RGMII or RTBI
—
—
—
0.04
W
USB
12 MHz
—
—
0.01
—
—
W
—
480 MHz
—
—
0.2
—
—
W
—
Other I/O
—
—
0.01
—
—
W
—
Table 6. CLKIN DC Timing Specifications
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.7
OVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.4
V
CLKIN input current
0 V
≤ V
IN ≤ OVDD
IIN
—
±10
μA
PCI_SYNC_IN input current
0 V
≤ V
IN ≤ 0.5 V or
OVDD –0.5 V ≤ VIN ≤ OVDD
IIN
—
±10
μA
PCI_SYNC_IN input current
0.5 V
≤V
IN ≤ OVDD – 0.5 V
IIN
—
±50
μA
Table 7. CLKIN AC
Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
CLKIN/PCI_CLK frequency
fCLKIN
——
66
MHz
1, 6
CLKIN/PCI_CLK cycle time
tCLKIN
15
—
—
ns
—
CLKIN/PCI_CLK rise and fall time
tKH, tKL
0.6
1.0
2.3
ns
2
Table 5. MPC8343EA Typical I/O Power Dissipation (continued)
Interface
Parameter
DDR2
GVDD
(1.8 V)
DDR1
GVDD
(2.5 V)
OVDD
(3.3 V)
LVDD
(3.3 V)
LVDD
(2.5 V)
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com