Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
51
Package and Pin Listings
18.3
Pinout Listings
Table 51 provides the pin-out listing for the MPC8343EA, 620-PBGA package.
Table 51. MPC8343EA (PBGA) Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI
PCI1_INTA/IRQ_OUT
D20
O
OVDD
2
PCI1_RESET_OUT
B21
O
OVDD
—
PCI1_AD[31:0]
E19, D17, A16, A18, B17, B16, D16,
B18, E17, E16, A15, C16, D15, D14,
C14, A12, D12, B11, C11, E12, A10,
C10, A9, E11, E10, B9, B8, D9, A8, C9,
D8, C8
I/O
OVDD
—
PCI1_C/BE[3:0]
A17, A14, A11, B10
I/O
OVDD
—
PCI1_PAR
D13
I/O
OVDD
—
PCI1_FRAME
B14
I/O
OVDD
5
PCI1_TRDY
A13
I/O
OVDD
5
PCI1_IRDY
E13
I/O
OVDD
5
PCI1_STOP
C13
I/O
OVDD
5
PCI1_DEVSEL
B13
I/O
OVDD
5
PCI1_IDSEL
C17
I
OVDD
—
PCI1_SERR
C12
I/O
OVDD
5
PCI1_PERR
B12
I/O
OVDD
5
PCI1_REQ[0]
A21
I/O
OVDD
—
PCI1_REQ[1]/CPCI1_HS_ES
C19
I
OVDD
—
PCI1_REQ[2:4]
C18, A19, E20
I
OVDD
—
PCI1_GNT0
B20
I/O
OVDD
—
PCI1_GNT1/CPCI1_HS_LED
C20
O
OVDD
—
PCI1_GNT2/CPCI1_HS_ENUM
B19
O
OVDD
—
PCI1_GNT[3:4]
A20, E18
O
OVDD
—
M66EN
L26
I
OVDD
—
DDR SDRAM Memory Interface
MDQ[0:31]
AC25, AD27, AD25, AH27, AE28, AD26,
AD24, AF27, AF25, AF28, AH24, AG26,
AE25, AG25, AH26, AH25, AG22, AH22,
AE21, AD19, AE22, AF23, AE19, AG20,
AG19, AD17, AE16, AF16, AF18, AG18,
AH17, AH16
I/O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com