Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
18
Freescale Semiconductor
DDR and DDR2 SDRAM
6.2.2
DDR and DDR2 SDRAM Output AC Timing Specifications
Table 20 shows the DDR and DDR2 output AC timing specifications.
Table 20. DDR and DDR2 SDRAM Output AC Timing Specifications
At recommended operating conditions with GVDD of (1.8 or 2.5 V) ± 5%.
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time, (MCK[n]/MCK[n] crossing)
tMCK
7.5
10
ns
2
ADDR/CMD/MODT output setup with respect to MCK
tDDKHAS
ns
3
400 MHz
1.95
—
333 MHz
2.40
—
266 MHz
3.15
—
200 MHz
4.20
—
ADDR/CMD/MODT output hold with respect to MCK
tDDKHAX
ns
3
400 MHz
1.95
—
333 MHz
2.40
—
266 MHz
3.15
—
200 MHz
4.20
—
MCS(n) output setup with respect to MCK
tDDKHCS
ns
3
400 MHz
1.95
—
333 MHz
2.40
—
266 MHz
3.15
—
200 MHz
4.20
—
MCS(n) output hold with respect to MCK
tDDKHCX
ns
3
400 MHz
1.95
—
333 MHz
2.40
—
266 MHz
3.15
—
200 MHz
4.20
—
MCK to MDQS Skew
tDDKHMH
–0.6
0.6
ns
4
MDQ/MECC/MDM output setup with respect to
MDQS
tDDKHDS,
tDDKLDS
ps
5
400 MHz
700
—
333 MHz
775
—
266 MHz
1100
—
200 MHz
1200
—
MDQ/MECC/MDM output hold with respect to MDQS
tDDKHDX,
tDDKLDX
ps
5
400 MHz
700
—
333 MHz
900
—
266 MHz
1100
—
200 MHz
1200
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com