Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPC5642AF2MLU2 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
3
Introduction
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5642A series of
microcontroller units (MCUs). It also describes the device features and highlights important electrical and physical
characteristics. For functional characteristics, refer to the device reference manual.
1.2
Description
This microcontroller is a 32-bit system-on-chip (SoC) device intended for use in mid-range engine control and automotive
transmission control applications.
It is compatible with devices in Freescale’s MPC5600 family and offers performance and capabilities beyond the MPC5632M
devices.
The microcontroller’s e200z4 host processor core is built on the Power Architecture® technology and designed specifically for
embedded applications. In addition to the Power Architecture technology, this core supports instructions for digital signal
processing (DSP).
The device has two levels of memory hierarchy consisting of 8 KB of instruction cache, backed by a 128 KB on-chip SRAM
and a 2 MB internal flash memory.
For development, the device includes a calibration bus that is accessible only when using the Freescale VertiCal Calibration
System.
1.3
Device feature summary
Table 1 summarizes the MPC5642A features and compares them to those of the MPC5644A.
Table 1. MPC5642A device feature summary
Feature
MPC5642A
MPC5644A
Process
90 nm
Core
e200z4
SIMD
Yes
VLE
Yes
Cache
8 KB instruction
Non-Maskable Interrupt (NMI)
NMI and Critical Interrupt
MMU
24-entry
MPU
16-entry
Crossbar switch
4
 45  4
Core performance
0–150 MHz
Windowing software watchdog
Yes
Core Nexus
Class 3+
SRAM
128 KB
192 KB
Flash
2 MB
4 MB
Flash fetch accelerator
4
 128-bit
4
 256-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com