Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
68
Freescale Semiconductor
Electrical characteristics
VIL_LS
SR
P Multi-voltage I/O pad input
low voltage in
Low-swing-mode7,8,9,10
Hysteresis enabled
VSS  0.3
—
0.8
V
P
Hysteresis disabled
VSS  0.3
—
0.9
VIL_HS
SR
P Multi-voltage pad I/O input
low voltage in
high-swing-mode
Hysteresis enabled
VSS  0.3
—
0.35 VDDEH
V
P
Hysteresis disabled
VSS  0.3
—
0.4 VDDEH
VIH_S
SR
P Slow/medium pad I/O input
high voltage
Hysteresis enabled
0.65 VDDEH
—VDDEH +0.3
V
P
Hysteresis disabled
0.55 VDDEH
—VDDEH +0.3
VIH_F
SR
P Fast I/O input high voltage Hysteresis enabled
0.65 VDDE
—VDDE +0.3
V
P
Hysteresis disabled
0.58 VDDE
—VDDE +0.3
VIH_LS
SR
P Multi-voltage pad I/O input
high voltage in
low-swing-mode7,8,9,10
Hysteresis enabled
2.5
—
VDDE +0.3
V
P
Hysteresis disabled
2.2
—
VDDE +0.3
VIH_HS
SR
P Multi-voltage I/O input high
voltage in high-swing-mode
Hysteresis enabled
0.65 VDDEH
—VDDEH +0.3
V
P
Hysteresis disabled
0.55 VDDEH
—VDDEH +0.3
VOL_S
CC
P Slow/medium pad I/O
output low voltage11
——
—
0.2 * VDDEH
V
VOL_F
CC
P Fast I/O output low
voltage11
——
—
0.2 * VDDE
V
VOL_LS
CC
P Multi-voltage pad I/O
output low voltage in
low-swing mode7,8,9,10,11
——
—
0.6
V
VOL_HS
CC
P Multi-voltage pad I/O
output low voltage in
high-swing mode11
——
—
0.2 VDDEH
V
VOH_S
CC
P Slow/medium I/O output
high voltage11
—0.8 VDDEH
——
V
VOH_F
CC
P Fast pad I/O output high
voltage11
—0.8 VDDE
——
V
VOH_LS
CC
P Multi-voltage pad I/O
output high voltage in
low-swing mode7,8,9,10,11
—2.3
3.1
3.7
V
VOH_HS
CC
P Multi-voltage pad I/O
output high voltage in
high-swing mode11
—0.8 VDDEH
——
V
VHYS_S
CC
P Slow/medium/multi-voltage
I/O input hysteresis
—0.1 * VDDEH
——
V
VHYS_F
CC
P Fast I/O input hysteresis
—
0.1 * VDDE
——
V
VHYS_LS
CC
C Low-swing-mode
multi-voltage I/O input
hysteresis
Hysteresis enabled
0.25
—
—
v
Table 20. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com