Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
74
Freescale Semiconductor
Electrical characteristics
3.9.2
LVDS pad specifications
LVDS pads are implemented to support the MSC (Microsecond Channel) protocol which is an enhanced feature of the DSPI
module. The LVDS pads are compliant with LVDS specifications and support data rates up to 50 MHz.
Table 23. VRC33 pad average DC current
1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins only.
Pad type
Symbol
C
Period
(ns)
Load2
(pF)
2 All loads are lumped.
VRC33
(V)
VDDE
(V)
Drive
select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Fast
IDRV_FC
CC
D
10
503.6
3.611
2.35
6.12
CC
D
10
303.6
3.610
1.75
4.3
CC
D
10
203.6
3.601
1.41
3.43
CC
D
10
103.6
3.600
1.06
2.9
CC
D
10
50
3.6
1.98
11
1.75
4.56
CC
D
10
30
3.6
1.98
10
1.32
3.44
CC
D
10
20
3.6
1.98
01
1.14
2.95
CC
D
10
10
3.6
1.98
00
0.95
2.62
Table 24. DSPI LVDS pad specification
Symbol
C
Parameter
Condition
Value
Unit
Min
Typ
Max
Data rate
fLVDSCLK
CC D Data frequency
—
—
50
—
MHz
Driver specifications
VOD
CC P Differential output voltage
SRC = 0b00 or
0b11
150
—
400
mV
CC P
SRC = 0b01
90
—
320
CC P
SRC = 0b10
160
—
480
VOC
CC P Common mode voltage (LVDS), VOS
—
1.06
1.2
1.39
V
TR/TF
CC D Rise/Fall time
—
—
2
—
ns
TPLH
CC D Propagation delay (Low to High)
—
—
4
—
ns
TPHL
CC D Propagation delay (High to Low)
—
—
4
—
ns
tPDSYNC
CC D Delay (H/L), sync mode
—
—
4
—
ns
TDZ
CC D Delay, Z to Normal (High/Low)
—
—
500
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com