Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
EMIOS20
GPIO[199]
eMIOS channel
GPIO
P
G
01
00
199
I/O
I/O
VDDEH4 /
Slow
— /
WKPCFG
— /
WKPCFG
——
AB18
EMIOS21
GPIO[200]
eMIOS channel
GPIO
P
G
01
00
200
I/O
I/O
VDDEH4 /
Slow
— /
WKPCFG
— /
WKPCFG
——
AA18
EMIOS22
GPIO[201]
eMIOS channel
GPIO
P
G
01
00
201
I/O
I/O
VDDEH4 /
Slow
— / Down
— / Down
—
—
Y18
EMIOS23
GPIO[202]
eMIOS channel
GPIO
P
G
01
00
202
I/O
I/O
VDDEH4 /
Slow
— / Down
— / Down
80
R11
W18
EMIOS1415
GPIO[203]
eMIOS channel
GPIO
P
G
01
00
203
O
I/O
VDDEH7 /
Slow
— / Down
— / Down
—
—
A15
EMIOS1515
GPIO[204]
eMIOS channel
GPIO
P
G
01
00
204
O
I/O
VDDEH7 /
Slow
— / Down
— / Down
—
—
D14
Clock Synthesizer
XTAL
Crystal oscillator output
P
01
—
O
VDDEH6 /
Analog
—
—
93
P16
V22
EXTAL
Crystal oscillator input
P
01
—
I
VDDEH6 /
Analog
—
—
92
N16
U22
CLKOUT
System clock output
P
01
229
O
VDDE12 /
Fast
—CLKOUT
—
—
AB9
ENGCLK
Engineering clock output
P
01
214
O
VDDE12 /
Fast
—
ENGCLK
—
T14
W10
Power / Ground
VDDREG
Voltage regulator supply
—
—
I
5 V
I / —
VDDREG
10
K16
F4
VRCCTL
Voltage regulator control output
—
—
O
—
O / —
VRCCTL
11
N14
F2
VRC3317
Internal regulator output
—
—
O
3.3 V
I/O / —
VRC33
13
A15,
D1, N6,
N12
B1,
M19,
P11
Input for external 3.3 V supply
—
—
I
3.3 V
VDDA
eQADC high reference voltage
—
—
I
5 V
I / —
VDDA
6
A4, B11
E3, A6
VSSA
eQADC ground/low reference voltage
—
—
I
—
I / —
VSSA
7
A5, A11
A7, E2
VDDPLL
FMPLL supply voltage
—
—
I
1.2 V
I / —
VDDPLL
91
R16
W22
VSTBY
Power supply for standby RAM
—
—
I
0.9 V – 6 V
I / —
VSTBY
12
C1
E4
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com