Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
80
Freescale Semiconductor
Electrical characteristics
3.14
Platform flash controller electrical characteristics
3.15
Flash memory electrical characteristics
Table 31. APC, RWSC, WWSC settings vs. frequency of operation1
1 APC, RWSC and WWSC are fields in the flash memory BIUCR register used to
specify wait states for address pipelining and read/write accesses. Illegal
combinations exist—all entries must be taken from the same row.
Max. Flash Operating
Frequency (MHz)2
2 Max frequencies including 2% PLL FM.
APC3
3 APC must be equal to RWSC.
RWSC3
WWSC
20 MHz
0b000
0b000
0b01
61 MHz
0b001
0b001
0b01
90 MHz
0b010
0b010
0b01
123 MHz
0b011
0b011
0b01
153 MHz
0b100
0b100
0b01
Table 32. Flash program and erase specifications1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
#
Symbol
C
Parameter
Value
Unit
Min
Typ
Initial
max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage, 80 MHz minimum system
frequency.
Max3
3 The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is
characterized but not guaranteed.
1Tdwprogram CC C Double Word (64 bits) Program Time
—
30
—
500
µs
2Tpprogram
CC C Page Program Time4
4 Page size is 128 bits (4 words)
—
40
160
500
µs
3T16kpperase CC C 16 KB Block Pre-program and Erase Time
—
250
1,000
5,000
ms
5T64kpperase CC C 64 KB Block Pre-program and Erase Time
—
450
1,800
5,000
ms
6T128kpperase CC C 128 KB Block Pre-program and Erase Time
—
800
2,600
7,500
ms
7T256kpperase CC C 256 KB Block Pre-program and Erase Time
—
1,400
5,200
15,000
ms
8Tpsrt
SR —
Program suspend request rate5
5 Time between program suspend resume and the next program suspend request.
100
———
s
9Tesrt
SR —
Erase suspend request rate 6
6 Time between erase suspend resume and the next erase suspend request.
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com