Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPC5642AF2MLU2 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
5
Introduction
1.4
Block diagram
Figure 1 shows a top-level block diagram of the MPC5642A series.
CRC
Yes
FMPLL
Yes
VRC
Yes
Supplies
5 V, 3.3 V2
Low-power modes
Stop mode
Slow mode
Packages
176 LQFP3
208 MAPBGA3,4
324 TEPBGA5
496-pin CSP6
176 LQFP3
208 MAPBGA3,4
324 TEPBGA5
496-pin CSP6
1 197 interrupt vectors are reserved.
2 5 V single supply only for 176 LQFP
3 Pinout compatible with Freescale’s MPC5634M devices
4 Pinout compatible with Freescale’s MPC5534
5 Ballmap upwardly compatible with the standardized package ballmap used for various Freescale MPC563xM family
members
6 For Freescale VertiCal Calibration System only
Table 1. MPC5642A device feature summary (continued)
Feature
MPC5642A
MPC5644A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com