Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
82
Freescale Semiconductor
Electrical characteristics
3.16
AC specifications
3.16.1
Pad AC specifications
Table 34. Pad AC specifications (VDDE = 4.75 V)
1
1 These are worst case values that are estimated from simulation and not tested. The values in the table are
simulated at VDD = 1.14 V to 1.32 V, VDDEH = 4.75 V to 5.25 V, TA = TL to TH.
Name
C
Output delay (ns)2,3
Low-to-High /
High-to-Low
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Delay and rise/fall are measured to 20% or 80% of the respective signal.
Rise/Fall edge (ns)3,4
4 This parameter is guaranteed by characterization before qualification rather than 100% tested.
Drive load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB, LSB
Medium5,6,7
5 In high swing mode, high/low swing pad V
OL and VOH values are the same as those of the slew controlled output
pads.
6 Medium Slew-Rate Controlled Output buffer. Contains an input buffer and weak pull-up/pull-down.
7 Output delay is shown in Figure 9 and Figure 10. Add a maximum of one system clock to the output delay for delay
with respect to system clock.
CC D
4.6/3.7
12/12
2.2/2.2
12/12
50
118
8 Can be used on the tester
—109
9 This drive select value is not supported. If selected, it will be approximately equal to 11.
CC D
12/13
28/34
5.6/6
15/15
50
01
CC D
69/71
152/165
34/35
74/74
50
00
Slow7,10
10 Slow Slew-Rate Controlled Output buffer. Contains an input buffer and weak pull-up/pull-down.
CC D
7.3/5.7
19/18
4.4/4.3
20/20
50
118
—109
CC D
26/27
61/69
13/13
34/34
50
01
CC D
137/142
320/330
72/74
164/164
50
00
MultiV11
(High Swing Mode)
11 Selectable high/low swing I/O pad with selectable slew in high swing mode only
CC D
4.1/3.6
10.3/8.9
3.28/2.98
8/8
50
118
—109
CC D
8.38/6.11
16/12.9
5.48/4.81
11/11
50
01
CC D
61.7/10.4
92.2/24.3
42.0/12.2
63/63
50
00
MultiV
(Low Swing Mode)
CC D
2.31/2.34
7.62/6.33
1.26/1.67
6.5/4.4
30
118
Fast12
12 Fast pads are 3.3 V pads.
—
Standalone input
buffer13
13 Also has weak pull-up/pull-down.
CC D
0.5/0.5
1.9/1.9
0.3/0.3
±1.5/1.5
0.5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com