Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
72
Freescale Semiconductor
Electrical characteristics
3.9
I/O pad current specifications
The power consumption of an I/O segment depends on the usage of the pins on a particular segment. The power consumption
is the sum of all output pin currents for a particular segment. The output pin current can be calculated from Table 21 based on
the voltage, frequency, and load on the pin. Use linear scaling to calculate pin currents for voltage, frequency, and load
parameters that fall outside the values given in Table 21.
18 Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately
one-half for each 8 to 12 oC, in the ambient temperature range of 50 to 125 oC. Applies to analog pads.
19 Applies to CLKOUT, external bus pins, and Nexus pins
20 Applies to the FCK, SDI, SDO, and SDS pins
21 This programmable option applies only to eQADC differential input channels and is used for biasing and sensor
diagnostics.
Table 21. I/O pad average IDDE specifications
1
1 Numbers from simulations at best case process, 150 °C
Pad type
Symbol
C
Period
(ns)
Load2
(pF)
2 All loads are lumped.
VDDE
(V)
Drive/Slew
rate select
IDDE Avg
(mA)3
3 Average current is for pad configured as output only
IDDE RMS
(mA)
Slow
IDRV_SSR_HV
CC D
37
50
5.25
11
9
—
CC D
130
50
5.25
01
2.5
—
CC D
650
50
5.25
00
0.5
—
CC D
840
200
5.25
00
1.5
—
Medium
IDRV_MSR_HV
CC D
24
50
5.25
11
14
—
CC D
62
50
5.25
01
5.3
—
CC D
317
50
5.25
00
1.1
—
CC D
425
200
5.25
00
3
—
Fast
IDRV_FC
CC D
10
50
3.6
11
22.7
68.3
CC D
10
30
3.6
10
12.1
41.1
CC D
10
20
3.6
01
8.3
27.7
CC D
10
10
3.6
00
4.44
14.3
CC D
10
50
1.98
11
12.5
31
CC D
10
30
1.98
10
7.3
18.6
CC D
10
20
1.98
01
5.42
12.6
CC D
10
10
1.98
00
2.84
6.4
MultiV
(High swing mode)
IDRV_MULTV_HV CC D
20
50
5.25
11
9
—
CC D
30
50
5.25
01
6.1
—
CC D
117
50
5.25
00
2.3
—
CC D
212
200
5.25
00
5.8
—
MultiV
(Low swing mode)
IDRV_MULTV_HV CC D
30
30
5.25
11
3.4
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com