Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
50
Freescale Semiconductor
Pinout and signal description
DSPI_C_SCK_LVDS
DSPI_C_SCK_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
DSPI_C_SOUT_LVDS
DSPI_C_SOUT_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
DSPI_B_PCS[0]
DSPI_C_PCS[0]
DSPI_D_PCS[0]
DSPI_B – DSPI_D
Peripheral chip select when device is in master mode—slave
select when used in slave mode
DSPI_B_PCS[1:5]
DSPI_C_PCS[1:5]
DSPI_D_PCS[1:5]
DSPI_B – DSPI_D
Peripheral chip select when device is in master mode—not
used in slave mode
DSPI_B_SCK
DSPI_C_SCK
DSPI_D_SCK
DSPI_B – DSPI_D
DSPI clock—output when device is in master mode; input
when in slave mode
DSPI_B_SIN
DSPI_C_SIN
DSPI_D_SIN
DSPI_B – DSPI_D
DSPI data in
DSPI_B_SOUT
DSPI_C_SOUT
DSPI_D_SOUT
DSPI_B – DSPI_D
DSPI data out
eMIOS[0:23]
eMIOS
eMIOS I/O channels
AN[0:39]
eQADC
Single-ended analog inputs for analog-to-digital converter
AN[0:7]/DAN+
eQADC
Differential analog input pair for analog-to-digital converter
with pull-up/pull-down functionality
AN[0:7]/DAN
eQADC
Differential analog input pair for analog-to-digital converter
with pull-up/pull-down functionality
FCK
eQADC
eQADC free running clock for eQADC SSI
MA[0:2]
eQADC
These three control bits are output to enable the selection for
an external Analog Mux for expansion channels.
REFBYPC
eQADC
Bypass capacitor input
SDI
eQADC
Serial data in
SDO
eQADC
Serial data out
SDS
eQADC
Serial data select
VRH
eQADC
Voltage reference high input
VRL
eQADC
Voltage reference low input
SCI_A_RX
SCI_B_RX
SCI_C_RX
eSCI_A – eSCI_C
eSCI receive
SCI_A_TX
SCI_B_TX
SCI_C_TX
eSCI_A – eSCI_C
eSCI transmit
ETPU_A[0:31]
eTPU
eTPU I/O channel
Table 5. Signal details (continued)
Signal
Module or function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com