Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5642AF2MLU2 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
96
Freescale Semiconductor
Electrical characteristics
Figure 19. CLKOUT timing
1 Calibration bus timing specified at f
SYS = 150 MHz and 100 MHz, VDD = 1.14 V to 1.32 V, VDDE =3Vto3.6 V
(unless stated otherwise), TA =TL to TH, and CL = 30 pF with DSC = 0b10.
2 The calibration bus is limited to half the speed of the internal bus. The maximum calibration bus frequency is
66 MHz. The bus division factor should be set accordingly based on the internal frequency being used.
3 Signals are measured at 50% V
DDE
4 Refer to fast pad timing in Table 34 and Table 35 (different values for 1.8 V vs. 3.3 V).
5 Measured at 50% of ALE
6 When CAL_TS pad is used for CAL_ALE function the hold time is 1 ns instead of 1.5 ns.
1
2
2
3
4
CLKOUT
VDDE/2
VOL_F
VOH_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com