Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 49Page - STMicroelectronics SPIRIT1 Datasheet HTML 50Page - STMicroelectronics SPIRIT1 Datasheet HTML 51Page - STMicroelectronics SPIRIT1 Datasheet HTML 52Page - STMicroelectronics SPIRIT1 Datasheet HTML 53Page - STMicroelectronics SPIRIT1 Datasheet HTML 54Page - STMicroelectronics SPIRIT1 Datasheet HTML 55Page - STMicroelectronics SPIRIT1 Datasheet HTML 56Page - STMicroelectronics SPIRIT1 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
53/94
the rows of the de-interleaving matrix. Due to the size of the matrix, the overall data
transmitted must be an exact integer multiple of two, to fill the rows and columns of the
matrix. If necessary, the framer is able to add automatically extra bytes at the end of the
packet, so the number of bytes is an number.
FEC and interleaving are enabled/disabled together.
To enable FEC/INTERL, the field FEC_EN of PCKTCTRL1 must be set to ‘1’. When
FEC/INTERL is enabled, the number of transmitted bits is roughly doubled, hence the on-air
packet duration in time is roughly doubled as well. The data rate specified in Section 9.5.1
always applies to the on-air transmitted data.
A termination byte is automatically appended to set the encoder to the 0-state at the end of
the packet.
9.6.2
CRC
Error detection is implemented by means of cyclic redundancy check codes.
The length of the checksum is programmable to 8, 16, or 24 bits.
The CRC can be added at the end of the packet by the field CRC_MODE of the register
PCKCTRL1.
The following standard CRC polynomials can be selected:
●
CRC mode = 1, 8 bits: the poly is (0x07) X8+X2+X+1
●
CRC mode = 2, 16 bits: the poly is (0x8005) X16+X15+X2+1
●
CRC mode = 3, 16 bits: the poly is (0x1021) X16+X12+X5+1
●
CRC mode = 4, 24 bits: the poly is (0x864CFB)
X24+X23+X18+X17+X14+X11+X10+X7+X6+X5+X4+X3+X+1
●
CRC is calculated over all fields excluding preamble and synchronization word.
9.6.3
Data whitening
To prevent short repeating sequences (e.g., runs of 0's or 1's) that create spectral lines,
which may complicate symbol tracking at the receiver or interferer with other transmissions,
the device implements a data whitening feature. Data whitening can optionally be enabled
by setting the filed WHIT_EN of the PCKTCTRL1 register to '1'. Data whitening is
implemented by a maximum length LFSR generating a pseudo-random binary sequence
used to XOR data before entering the encoding chain. The length of the LSFR is set to 9
bits. The pseudo-random sequence is initialized to all 1's.
Data whitening, if enabled, is applied on all fields excluding the preamble and the
synchronization words.
At the receiver end, the data are XOR-ed with the same pseudo-random sequence.
Whitening is applied according to the following LFSR implementation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com