Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 70Page - STMicroelectronics SPIRIT1 Datasheet HTML 71Page - STMicroelectronics SPIRIT1 Datasheet HTML 72Page - STMicroelectronics SPIRIT1 Datasheet HTML 73Page - STMicroelectronics SPIRIT1 Datasheet HTML 74Page - STMicroelectronics SPIRIT1 Datasheet HTML 75Page - STMicroelectronics SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
Register table
SPIRIT1
74/94
Doc ID 022758 Rev 3
GPIO3_CONF
0x02
7:3
GPIO_SELECT[4:0]
10100
R/W
GPIO3 configuration (default:
digital GND)
2
Reserved
0
1:0
GPIO_MODE[1:0]
10
GPIO3 mode:
01b: digital input
10b: digital output low power
11b: digital output high power
(default: digital output low
power)
GPIO2_CONF
0x03
7:3
GPIO_SELECT[4:0]
10100
R/W
GPIO2 configuration (default:
digital GND)
2
Reserved
0
1:0
GPIO_MODE
10
GPIO2 mode:
01b: digital input
10b: digital output low power
11b: digital output high power
(default: digital output low
power)
GPIO1_CONF
0x04
7:3
GPIO_SELECT[4:0]
10100
R/W
GPIO1 configuration (default:
digital GND)
2
Reserved
0
1:0
GPIO_MODE
10
GPIO1 mode:
01b: digital input
10b: digital output low power
11b: digital output high power
(default: digital output low
power)
GPIO0_CONF
0x05
7:3
GPIO_SELECT[4:0]
00001
R/W
GPIO0 configuration (default:
power-on reset signal)
2
Reserved
0
1:0
GPIO_MODE
10
GPIO0 mode:
00b: analog
01b: digital input
10b: digital output low power
11b: digital output high power
(default: digital output low
power)
Table 37.
General configuration registers (continued)
Register
Address
Bit
Field name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com