Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 46Page - STMicroelectronics SPIRIT1 Datasheet HTML 47Page - STMicroelectronics SPIRIT1 Datasheet HTML 48Page - STMicroelectronics SPIRIT1 Datasheet HTML 49Page - STMicroelectronics SPIRIT1 Datasheet HTML 50Page - STMicroelectronics SPIRIT1 Datasheet HTML 51Page - STMicroelectronics SPIRIT1 Datasheet HTML 52Page - STMicroelectronics SPIRIT1 Datasheet HTML 53Page - STMicroelectronics SPIRIT1 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
Transmission and reception
SPIRIT1
50/94
Doc ID 022758 Rev 3
For fXO = 26 MHz
With this solution the maximum deviation for the 26 MHz case is limited to about 355 kHz,
but this is still acceptable since the maximum useful deviation is about 125 kHz (MSK @ 500
kbps).
In GFSK mode the Gaussian filter BT product can be set to 1 or 0.5 by the field BT_SEL of
the MOD0 register.
In MSK mode, the frequency deviation is automatically set to ¼ of the data rate and the
content of the FDEV register is ignored.
The calculation done inside the modem assumes that the digital clock is equal to the
synthesizer reference. Hence, in the 52-MHz case the MSK can actually be configured by
setting the frequency deviation to ¼ of the data rate through the FDEV registers as for
normal 2-FSK. The same is true for GMSK mode, which can be configured by setting the
frequency deviation to ¼ of the data rate through the FDEV registers as for normal GFSK
with Gaussian filter BT equal to 1 or 0.5.
OOK and ASK
If MOD_TYPE = 2 and power ramping is enabled, then ASK is used; otherwise, if
MOD_TYPE = 2 and power ramping is disabled, then OOK is used.
When OOK is selected, a bit '1' is transmitted with the power specified by
PA_POWER[PA_LEVEL_MAX_INDEX], a bit '0' is transmitted with the power specified by
PA_POWER[0](normally set to PA off).
When ASK is selected, a bit '1' is transmitted with a power ramp increasing from
PA_POWER[0] to PA_POWER[PA_LEVEL_MAX_INDEX], a bit '0' is transmitted with a
5
25390.6
28564.5
31738.3
34912.1
38085.9
41259.8
44433.6
47607.4
6
50781.3
57128.9
63476.6
69824.2
76171.9
82519.5
88867.2
95214.8
7
101562.5
114257.8
126953.1
139648.4
152343.8
165039.1
177734.4
190429.7
8
203125.0
228515.6
253906.3
279296.9
304687.5
330078.1
355468.8
380859.4
9
406250.0
457031.3
507812.5
558593.8
609375.0
660156.3
710937.5
761718.8
E/M
0
12
34
5
6
7
0
396.7
396.7
495.9
495.9
595.1
595.1
694.3
694.3
1
793.5
892.6
991.8
1091.0
1190.2
1289.4
1388.5
1487.7
2
1586.9
1785.3
1983.6
2182.0
2380.4
2578.7
2777.1
2975.5
3
3173.8
3570.6
3967.3
4364.0
4760.7
5157.5
5554.2
5950.9
4
6347.7
7141.1
7934.6
8728.0
9521.5
10314.9
11108.4
11901.9
5
12695.3
14282.2
15869.1
17456.1
19043.0
20629.9
22216.8
23803.7
6
25390.6
28564.5
31738.3
34912.1
38085.9
41259.8
44433.6
47607.4
7
50781.3
57128.9
63476.6
69824.2
76171.9
82519.5
88867.2
95214.8
8
101562.5
114257.8
126953.1
139648.4
152343.8
165039.1
177734.4
190429.7
9
203125.0
228515.6
253906.3
279296.9
304687.5
330078.1
355468.8
380859.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com