Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 12Page - STMicroelectronics SPIRIT1 Datasheet HTML 13Page - STMicroelectronics SPIRIT1 Datasheet HTML 14Page - STMicroelectronics SPIRIT1 Datasheet HTML 15Page - STMicroelectronics SPIRIT1 Datasheet HTML 16Page - STMicroelectronics SPIRIT1 Datasheet HTML 17Page - STMicroelectronics SPIRIT1 Datasheet HTML 18Page - STMicroelectronics SPIRIT1 Datasheet HTML 19Page - STMicroelectronics SPIRIT1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
Characteristics
SPIRIT1
16/94
Doc ID 022758 Rev 3
6.2.3
RF receiver
Characteristics measured over recommended operating conditions unless otherwise
specified. All typical values are referred to TA = 25 °C, VBAT = 3.0 V, no frequency offset in
the RX signal. All performance is referred to a 50 Ohm antenna connector, via the reference
design.
VOH
High level output voltage
IOH = -2.4 mA (-4.2 mA if
high output current
capability is
programmed).
(5/8)*
VDD+
0.1
V
VOL
Low level output voltage
IOL = +2.4 mA (+4 mA if
high output current
capability is
programmed).
0.5
V
Table 9.
Digital SPI input and output (SDO, SDI, SCLK, CSn, and SDN) and GPIO
specification (GPIO_1-4) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 10.
RF receiver characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RL
Return loss
169.4-169.475 MHz, 433-435
MHz, 868-868.6 MHz, 310-320
MHz, 902-928 MHz(1)
-10
dB
CHBW
Receiver channel bandwidth
1
800
kHz
RXSENS
Sensitivity, 1% BER
(according to W-MBUS N
mode specification)
169MHz 2-FSK 1.2kbps
(4 kHz dev. CH Filter=10kHz)
-117
dBm
169MHz 2-GFSK (BT=0.5)
2.4kbps (2.4 kHz dev. CH
Filter=7kHz)
-115
dBm
169MHz 2-FSK 38.4kbps (50 kHz
dev. CH Filter=100 kHz)
-104
dBm
169MHz 2-GFSK (BT=0.5)
50kbps (25 kHz dev. CH
Filter=100 kHz)
-104
dBm
Sensitivity, 1% PER (packet
length = 20 bytes) FEC
DISABLED
315MHz 2-FSK 1.2 kbps (5.2 kHz
dev. CH Filter=58 kHz)
-109
dBm
315MHz MSK 500 kbps (CH
Filter=800 kHz)
-88
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com