Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 67Page - STMicroelectronics SPIRIT1 Datasheet HTML 68Page - STMicroelectronics SPIRIT1 Datasheet HTML 69Page - STMicroelectronics SPIRIT1 Datasheet HTML 70Page - STMicroelectronics SPIRIT1 Datasheet HTML 71Page - STMicroelectronics SPIRIT1 Datasheet HTML 72Page - STMicroelectronics SPIRIT1 Datasheet HTML 73Page - STMicroelectronics SPIRIT1 Datasheet HTML 74Page - STMicroelectronics SPIRIT1 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
SPIRIT1
MCU interface
Doc ID 022758 Rev 3
71/94
In STANDBY state, no oscillator is available as the clock source. In order to allow the MCU
to better handle this event, and avoid a potential dead state situation, a dedicated procedure
is forecasted when the SPIRIT1 enters STANDBY state. A few extra clock cycles can be
provided to the MCU before actually stopping the clock (an interrupt is generated to notify
the MCU of this event).
The number of extra cycles can be programmed through the MCU_CK_CONF configuration
register to 0, 64, 256, or 512. The MCU can make use of these cycles to prepare to standby
or to switch on any auxiliary clock generator. The maximum transition time from READY to
STANDBY is then:
Equation 12
where fclk is the digital clock frequency (typically 26 MHz).
The transition to SLEEP state causes the MCU clock source to change from XO to RCO.
Similarly, when the SPIRIT1 exits SLEEP to any active state, the source is the XO. Both
Table 35.
MCU_CK_CONF configuration register
MCU_CK_CONF[4:0]
Clock source
Division ratio
XO_RATIO
RCO_RATIO
Don’t care
0
RCO
1
1
1/128
0Don’t care
XO
1
1
2/3
2
1/2
3
1/3
4
1/4
5
1/6
6
1/8
71/12
81/16
91/24
10
1/36
11
1/48
12
1/64
13
1/96
14
1/128
15
1/192
T
READY STANDBY
Δ
1
f
clk
--------
512
1
192
⁄
--------------------
98304
f
clk
----------------
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com