Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 27Page - STMicroelectronics SPIRIT1 Datasheet HTML 28Page - STMicroelectronics SPIRIT1 Datasheet HTML 29Page - STMicroelectronics SPIRIT1 Datasheet HTML 30Page - STMicroelectronics SPIRIT1 Datasheet HTML 31Page - STMicroelectronics SPIRIT1 Datasheet HTML 32Page - STMicroelectronics SPIRIT1 Datasheet HTML 33Page - STMicroelectronics SPIRIT1 Datasheet HTML 34Page - STMicroelectronics SPIRIT1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
SPIRIT1
Operating modes
Doc ID 022758 Rev 3
31/94
Note:
An SRES command is also available which generates an internal RESET of the SPIRIT1.
7.2
Timer usage
Most of the timers are programmable via R/W registers. All timer registers are made up of
two bytes: the first byte is a multiplier factor (prescaler); the second byte is a counter value.
Note:
If the counter register value (prescaler register value) is 0, the related timer never stops
(infinite timeout), despite the value written in the prescaler register (counter register).
The available timers and their features are listed in the following table.
Note:
For LDCR_COUNTER and LDCR_PRESCALER only, the effective number of cycles
counted is given by the value + 1 (e.g. counter=1 and prescaler=1 produces 2 x 2=4 counts,
counter=1 and prescaler=2 produces 2 x 3=6 counts, etc.).
The max period of RX TIMEOUT is related to an XO of 26 MHz.
7.3
Low duty cycle reception mode
The SPIRIT1 provides an operating mode, low duty cycle reception (LDCR), which is an
operating mode that allows operation with very low power consumption, while at the same
time keeping an efficient communication link. The LDCR mode is enabled by setting the
LDCR_MODE bit in the PROTOCOL registers.
This mode is available for both the transmitter and receiver and it is designed to allow for at
most one sequence RX+TX or TX+RX.
The device provides a set of timers to efficiently handle low duty cycle reception (LDCR).
When LDCR is enabled the device runs on the 34.7 kHz RC oscillator keeping unused
blocks off.
LDCR is controlled essentially by the wake-up period (TWU), which periodically wakes up
the SPIRIT1 to perform a transmission or a reception.
In reception mode, it is also relevant to set up the RX timeout in order to minimize the
amount of time the SPIRIT1 waits for a packet during TWU.
Timer period= PRESCALER x CONTER x Tclk
Table 20.
SPIRIT1 timers description and duration
No.
Register name
Description
Source
Time
step
Max. time
1
RX_TIMEOUT_PRESCALER
RX operation timeout
XO/1210
~46µs
~3s
2
RX_TIMEOUT_COUNTER
3
LDCR_PRESCALER
Wake-up period
RCO
~29µs
~2s
4
LDCR_COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com