Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 38Page - STMicroelectronics SPIRIT1 Datasheet HTML 39Page - STMicroelectronics SPIRIT1 Datasheet HTML 40Page - STMicroelectronics SPIRIT1 Datasheet HTML 41Page - STMicroelectronics SPIRIT1 Datasheet HTML 42Page - STMicroelectronics SPIRIT1 Datasheet HTML 43Page - STMicroelectronics SPIRIT1 Datasheet HTML 44Page - STMicroelectronics SPIRIT1 Datasheet HTML 45Page - STMicroelectronics SPIRIT1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
Block description
SPIRIT1
42/94
Doc ID 022758 Rev 3
Two output modes are available: buffered or not buffered (high output impedance, about 100
k
Ω). The latter mode is the default one.
The TS function is available in every operating mode. When enabled, the internal logic
allows the switching on of all the necessary circuitry.
To enable the TS function, the user must perform the following operations:
●
Set to 1 the TS bit in the ANA_FUNC_CONF[0] register
●
Program as “Analog” (00) the GPIO_MODE field in the GPIO0_CONF register (other
fields are neglected)
●
Optionally, enable the buffered mode (the EN_TS_BUFFER bit in the PM_CONFIG[2]
register).
As the TS function requires the internal bias circuit operation, the overall current
consumption in STANDBY, SLEEP, and READY modes is increased by 400 µA.
8.11
AES encryption co-processor
The SPIRIT1 provides data security support as it embeds an advanced encryption standard
(AES) core which implements a cryptographic algorithm in compliance with NIST FIPS 197.
Three registers are available to use the AES engine of SPIRIT1:
●
AES_KEY_IN [15:0]: R/W type register (128-bit), used to provide the key to use
●
AES_DATA_IN [15:0]: R/W type register (128-bit), used to provide the input to the AES
engine
●
AES_DATA_OUT [15:0]: R type register (128-bit), used to retrieve the output of the AES
operation.
The core processes 128-bit data blocks using 128-bit keys.
The AES can be accessed in any of the SPIRIT1 operation modes.
To turn on the AES engine, the AES_ON bit in the ANA_FUNC_CONF[0] register must be
set.
Once the AES engine is on, it processes the operations according to the commands sent.
The SPIRIT1 engine provides 4 different operations:
1.
Encryption using a given encryption key (AES Enc command). In this operation, the
MCU puts the encryption key into the AES_KEY_IN[15:0] register and the data to
encrypt into the AES_DATA_IN[15:0]. The MCU sends the AES Enc command and
when the AES_EOP (end of operation) is issued, the MCU can retrieve the data
encrypted from AES_DATA_OUT[15:0]
2.
Decryption key derivation starting from an encryption key (AES Key command). In this
operation, the MCU puts the encryption key into AES_DATA_IN[15:0]. The MCU sends
the AES Key command and when the AES_EOP (end of operation) is issued, the MCU
can retrieve the decryption key from AES_DATA_OUT[15:0]
3.
Data decryption using a decryption key (AES Dec command). In this operation, the
MCU puts the decryption key into the AES_KEY_IN[15:0] register and the data to
decrypt into AES_DATA_IN[15:0]. The MCU sends the AES Dec command and when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com