Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 60Page - STMicroelectronics SPIRIT1 Datasheet HTML 61Page - STMicroelectronics SPIRIT1 Datasheet HTML 62Page - STMicroelectronics SPIRIT1 Datasheet HTML 63Page - STMicroelectronics SPIRIT1 Datasheet HTML 64Page - STMicroelectronics SPIRIT1 Datasheet HTML 65Page - STMicroelectronics SPIRIT1 Datasheet HTML 66Page - STMicroelectronics SPIRIT1 Datasheet HTML 67Page - STMicroelectronics SPIRIT1 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
Transmission and reception
SPIRIT1
64/94
Doc ID 022758 Rev 3
9.10.5
SQI
The synchronization quality indicator (SQI) is a measurement of the best correlation
between the received synchronization word and the expected one. The value representing a
perfect match is 8×SYNC_LENGTH.
This indicator is calculated as the peak cross-correlation between the received data stream
and the expected synchronization word.
It is possible to set a synchronization quality threshold in such a way that, if SQI is below the
threshold, the packet demodulation is automatically aborted.
If the synchronization quality indicator check is enabled (field SQI_EN of the QI register set
to '1'), the running peak SQI is compared to a threshold value and the sync valid IRQ is
asserted as soon as the threshold is passed. The preamble quality threshold is equal to 8 ×
SYNC_LEN - 2xSQI_TH with SQI_TH = 0..3. When SQI_TH is 0, a perfect match is
required; when SQI_TH = 1, 2, 3 then 1, 2, or 3-bit errors are respectively accepted.
It is recommended to always enable the SQI check.
RX timeout mechanism
In order to reduce power consumption, a few automatic RX timeout modes are supported.
RX timeout applies both to normal receive mode and to the LDCR mode.
Infinite timeout: in this mode RX is stopped when the packet ends or the SABORT command
strobe is issued (default).
Carrier sense timeout: RX is aborted if the RSSI never exceeds a programmed threshold
within Trx timeout.
SQI timeout: in this mode RX is aborted if the synchronization quality indicator (SQI) never
exceeds a programmed threshold within Trx timeout.
PQI timeout: in this mode RX is aborted if the preamble quality indicator (PQI) never
exceeds a programmed threshold within Trx timeout.
The value of Trx timeout can be programmed ranging from ~1 µs to ~3 sec.
9.11
Antenna diversity
The device implements a switching based antenna diversity algorithm. The switching
decision is based on a comparison between the received power level on antenna 1 and
antenna 2 during the preamble reception.
The antenna switching function allows to control an external switch in order to select the
antenna providing the highest measured RSSI.
When antenna switching is enabled, the two antennas are repeatedly switched during the
reception of the preamble of each packet, until the carrier sense threshold is reached(c)
(static carrier sense mode must be used). From this point on, the antenna with the highest
power is selected and switching is frozen. The switch control signal is available on GPIO and
in the MC_STATE[1] register.
c.
The user should make sure to provide a preamble sufficiently long to allow the algorithm to choose the final
antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com