Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 66Page - STMicroelectronics SPIRIT1 Datasheet HTML 67Page - STMicroelectronics SPIRIT1 Datasheet HTML 68Page - STMicroelectronics SPIRIT1 Datasheet HTML 69Page - STMicroelectronics SPIRIT1 Datasheet HTML 70Page - STMicroelectronics SPIRIT1 Datasheet HTML 71Page - STMicroelectronics SPIRIT1 Datasheet HTML 72Page - STMicroelectronics SPIRIT1 Datasheet HTML 73Page - STMicroelectronics SPIRIT1 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
MCU interface
SPIRIT1
70/94
Doc ID 022758 Rev 3
All interrupts are reported on a set of interrupt status registers and are individually
maskable. The interrupt status register must be cleared upon a read event from the MCU.
The status of all the interrupts is reported on the IRQ_STATUS[3:0] registers: bits are high
for the events that have generated any interrupts. The interrupts are individually maskable
using the IRQ_MASK[3:0] registers: if the mask bit related to a particular event is
programmed at 0, that event does not generate any interrupt request.
Digital inputs can be selected from the following (see GPIOx_CONF register):
The only available analog output is the temperature sensor, see Section 8.10.
10.4
MCU clock
SPIRIT1 can directly provide the system clock to the MCU in order to avoid the use of an
additional crystal. The clock signals for the MCU can be available on the GPIO pins. The
source oscillator can be the internal RCO or the XO depending on the active state. When
XO is active, it is the source clock (the RCO is not available in this condition).
In addition, different ratios are available and programmable through the MCU_CK_CONF
configuration register, as described in Table 35.
26
Device waiting for timer expiration before starting to sample the lock-detector
output signal
27
Device waiting for a high level of the READY2 signal from XO
28
Device waiting for timer expiration to allow PM block settling
29
Device waiting for end of VCO calibration
30
Device enables the full circuitry of the SYNTH block
31
Device waiting for a high level of the RCCAL_OK signal from the RCO
calibrator
Table 34.
Digital inputs
I/O selection
Input signal
0
1 >> TX command
1
1 >> RX command
2
TX data input for direct modulation
3
Wake-up from external input (sensor output)
4
External clock @ 34.7 kHz (used for LDC modes timing)
From 5 to 31
Not used
Table 33.
Digital outputs (continued)
I/O
selection
Output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com