Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPIRIT1 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics SPIRIT1 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
Register table
SPIRIT1
84/94
Doc ID 022758 Rev 3
PROTOCOL[2]
0x50
23
CS_TIMEOUT_MASK
0
R/W
1: CS value contributes to
timeout disabling
22
SQI_TIMEOUT_MASK
0
1: SQI value contributes to
timeout disabling
21
PQI_TIMEOUT_MASK
0
1: PQI value contributes to
timeout disabling
20:1
9
TX_SEQ_NUM_RELO
AD[1:0]
0
TX sequence number to be
used when counting reset is
required using the related
command.
18
RCO_CALIBRATION
0
1: enable the automatic RCO
calibration
17
VCO_CALIBRATION
1
1: enable the automatic VCO
calibration
16
LDC_MODE
0
1: LDC mode on
PROTOCOL[1]
0x51
15
LDC_RELOAD_ON_S
YNC
0
R/W
1: LDC timer is reloaded with
the value stored in the
LDC_RELOAD registers
14
PIGGYBACKING
0
1: PIGGYBACKING enabled
13:1
2
Reserved
00
11
SEED_RELOAD
0
1: reload the back-off random
generator seed using the
value written in the
BU_COUNTER_SEED_MSBy
te / LSByte registers
10
CSMA_ON
0
1: CSMA channel access
mode enabled
9
CSMA_PERS_ON
0
1: CSMA persistent (no back-
off) enabled
8
AUTO_PCKT_FLT
0
1: automatic packet filtering
mode enabled
Table 40.
Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com