Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 62 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 62 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 58Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 59Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 60Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 61Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 62Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 66Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 182 page
background image
49
When mounting the PC in a control panel, mount the Racks to an intermediate
plate. Holes for mounting the Racks to the intermediate plate should be drilled at
intervals shown in the following diagram. Completely ground the intermediate
mounting plates. Use conductor-plated plates to improve noise immunity.
CPU Backplane
CV500-BC101/051/031
CVM1-BC103/053
Expansion CPU Backplane
Expansion I/O Backplane
CV500-BI111/112/062/042
CVM1-BI114/064
Four, M5
Four, M5
70 to 120
L
170 to 220
W
250
250
150
0.5
150
0.5
Model
W
L
0.5
CV500-BC101/BI111/112
CVM1-BC103/BI114
480
465
CV500-BC051/BI062
CVM1-BC053/BI064
306
291
CV500-BC031/BI042
236
221
3-3-1 Duct Work
If power cables carrying more than 10 A at 400 V or 20 A at 220 V must be run
parallel to I/O wiring, leave at least 300 mm between the power cables and the
I/O wiring, as shown in the following diagram.
Low current cables
Control cables
Power cables
300 mm min.
300 mm min.
1
2
3
Grounding at resistance
of less than 100
W
1 = I/O wiring
2 = General control wiring
3 = Power cables
Mounting Racks
Section 3-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com