Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 67 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 67 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 67Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 68Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 69Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 70Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 71Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 182 page
background image
!
!
54
PC operation may be adversely affected if the ground wire is shared with other
equipment or if the ground wire is attached to the metal structure of a building.
When using Expansion I/O Racks, the Racks must also be grounded to the
ground terminal. The same ground can be used for all Racks.
Screw (3.5 mm head with
self-raising pressure plate)
For grounding use 2 mm2 cable.
Be sure to keep the length of the
cable less than 20 meters.
Use crimp terminals for wiring. Do not connect bare stranded wires directly to
terminal blocks. Use M3.5 screws for tightening crimp terminals.
7 mm max.
7 mm max.
Tighten the screws on the terminal block to a torque of 0.8 N
S m.
M3.5 screw
Tightening torque: 0.8 N
S m
20 mm max.
WARNING Always attach crimp terminals to the ground lines to ensure proper connection.
Connecting loose wires can cause fires.
Caution
• Ground the Power Supply Units separately from other devices.
• After wiring the terminals check the terminal block to be sure it is firmly locked
in place.
Note If you suspect that grounding is the cause of operational errors, either discon-
nect the line ground and ground terminals and either ground the mounting plate
or try operating with no ground at all.
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com