Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 34Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 35Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 36Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 37Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 38Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 39Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 40Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 41Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 182 page
background image
25
2-2-3 Expansion I/O Racks
Expansion I/O Racks, shown in the following diagram, can be used to expand
the CV-series PCs. There are five models of Expansion I/O Backplane that can
be used, as shown in the following table. These vary in the number of slots that
they provide for Units (other than the Power Supply Unit and I/O Interface Unit)
and in expansion capabilities. CV500 Expansion I/O Backplanes offer complete
expansion capabilities, while CVM1 Expansion I/O Backplanes do not support
I/O Interface Units and thus must be connected directly to the CPU Backplane
(see
Single Expansion I/O Rack in this subsection).
Expansion I/O
Backplane
No. of slots
I/O Interface Unit
CV500-BI042
4
Yes
CV500-BI062
6
Yes
CV500-BI112
11
Yes
CVM1-BI064
6
No
CVM1-BI114
11
No
An Expansion I/O Rack can be connected either directly to the CPU Backplane
(see
Single Expansion I/O Rack in this subsection) or to an I/O Control Unit.Up to
seven Expansion I/O Racks can be connected to the I/O Control Unit on the CPU
Rack in two series unless an Expansion CPU Rack is connected, in which case
only six Expansion I/O Racks may be connected. If an Expansion CPU Rack is
connected, one of the series of Expansion I/O Racks is connected to the I/O
Control Unit on the CPU Rack and the other one is connected to the I/O Interface
Unit on the Expansion CPU Rack.
Attach a Termination Resistance Unit to the unused terminal on the I/O Interface
Unit of the last Expansion I/O Rack in each series. If two series of Expansion I/O
Racks are used, connect a Termination Resistance Unit to the last Rack in each.
Units
(Up to 4/6/11 or the following
Units: C500 I/O Units, C500
Special I/O Units, SYSMAC
BUS Masters)
I/O Connector Connects Expan-
sion I/O Rack to preceding Expan-
sion I/O, Expansion CPU, or CPU
Rack.
Termination Resistance Unit
A Termination Resistance Unit
must be connected to the unused
I/O Connecting Cable Connector
when an Expansion I/O Rack is
not connected.
I/O Connector Connects Expan-
sion I/O Rack to next Expansion
I/O Rack. When not used, connect
to a Termination Resistance Unit.
I/O Interface Unit (CV500-II201)
Connects the Expansion I/O Rack to
other Expansion Racks, the CPU Rack,
and/or an Expansion I/O Rack.
Power Supply Unit
CV500-PS221/PS211
or CVM1-PA208
Expansion I/O
Backplane
CV500-BI042/062/
112 or
CVM1-BI064/114
If only one Expansion I/O Rack is required and no Expansion CPU Rack is used,
a single Expansion I/O Rack can be connected directly to the CPU Rack without
an I/O Control Unit or I/O Interface Unit. The Racks are connected directly via the
connectors on the two Backplanes. Termination Resistance Units are also not
required. In every other respect, the Expansion I/O Rack is identical to Expan-
sion I/O Racks in connected via I/O Control and I/O Interface Units.
Single Expansion I/O Rack
Racks
Section 2-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com