Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 33Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 34Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 35Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 36Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 37Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 38Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 39Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 40Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 182 page
background image
24
Note The Units in the following table can be mounted to the CV500-BC101 CPU Back-
plane if a CV500-IC
jjj I/O Control Unit and CV500-IIjjj I/O Interface Unit
are used. If an I/O Control Unit is not used, only one Expansion I/O Rack can be
connected and a total of eight Units maximum can be mounted to the PC regard-
less of the Rack to which they are mounted.
Name
Model
Analog Input Unit
3G2A5-AD
jjj, C500-AD101
High-speed Counter Unit
3G2A5-CT
jjj, C500-CT041
Analog Output Unit
3G2A5-DA
jjj, C500-DA101
Fuzzy Logic Unit
C500-FZ001
ID Sensor Unit
C500-IDS
jj/-IDS01-V1
Ladder Program I/O Unit
C500-LDP01-V1
Position Control Unit
3G2A5-NC103-E/-NC111-EV1,
C500-NC222-E
SYSMAC BUS Optical Remote I/O
Master Unit
3G2A5-RM001-PEV1/-RM001-EV1,
C500-RM201
ASCII Unit
C500-ASC04
Cam Positioner Unit
C500-CP131
Magnetic Card Reader Unit
3G2A5-MGC01
PID Control Unit
3G2A5-PID01-E
2-2-2 Expansion CPU Racks
An Expansion CPU Rack can be provided to increase the mounting space for
CPU Bus Units. The Expansion CPU Rack is connected directly to the CPU
Rack. Two cables are required to connect the Expansion CPU Rack to the CPU
Rack, a CPU Bus Cable and an I/O Connecting Cable. If either of these connec-
tions is broken, the system will be disabled
Only one Expansion CPU Rack can be connected to the CPU Rack. To further
increase the number of I/O Units, a series of Expansion I/O Racks may be con-
nected to the Expansion CPU Rack or to the I/O Control Unit on the CPU Rack. If
no Expansion I/O Rack is connected to the I/O Interface Unit, connect a Termina-
tion Resistance Unit to the unused connector on the I/O Interface Unit.
CPU Bus Connector Connects the Expansion CPU Rack to the CPU Rack.
I/O Connector Connects the Ex-
pansion CPU Rack to the CPU
Rack.
Termination Resistance Unit
A Termination Resistance Unit
must be connected to the unused
I/O cable connector when an Ex-
pansion I/O Rack is not connected.
I/O Connector Connects the Ex-
pansion CPU Rack to an Expan-
sion I/O Rack. When not used,
connect a Termination Resistance
Unit.
I/O Interface Unit (CV500-II101)
Connects the Expansion CPU
Rack to the CPU Rack and, if nec-
essary, to an Expansion I/O Rack.
Power Supply Unit
CV500-PS221/PS211
CVM1-PA208
Expansion CPU
Backplane
CV500-BI111
Units
(Up to 11 or the following Units: SYSMAC NET Link
Units, SYSMAC LINK Units, SYSMAC BUS/2 Masters,
BASIC Units, Personal Computer Unit, C500 I/O Units,
C500 Special I/O Units, SYSMAC BUS Masters)
Racks
Section 2-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com