Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 56 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 56 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 52Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 53Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 54Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 55Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 56Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 57Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 58Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 59Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 60Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 182 page
background image
43
3-1-2 Memory Card and Expansion Data Memory Unit
Extra memory is available in two forms, via the use of Memory Cards or by using
an Expansion Data Memory Unit. This section outlines the procedure for mount-
ing and removing these optional memory devices.
Memory Cards
The Memory Card can be used to store data and programs as files. Memory
Cards are optional and are not supplied with the CPU. They must be ordered
separately and installed by the user
Mount a Memory Card to the CPU using the following procedure.
1, 2, 3...
1. Open the cover of the Memory Card compartment.
2. If the Memory Card is RAM or EEPROM, set the write-protect switch to OFF
so that data can be written to the Card.
3. Insert the Memory Card into its compartment. In doing so, a slight resistance
will be felt as the connector on the Memory Card mates with the connector
on the CPU. Continue pushing until the Memory Card is inserted completely
into the CPU. If the Memory Card ON/OFF switch is ON, the Memory Card
indicator will light.
4. Close the cover.
Memory Card indicator
Memory Card
ON/OFF switch
Memory Card
eject button
Memory Card
Cover
Removing a Memory Card
1, 2, 3...
1. Open the cover of the Memory Card compartment.
2. Press the Memory Card ON/OFF switch once if the Memory Card indicator
is lit. The Memory Card indicator will turn OFF.
3. Press the Memory Card eject button. The Memory Card will be released al-
lowing it to be removed.
4. Pull out the Memory Card.
5. Close the cover.
Note
1. Do not expose the Memory Card to high temperature, humidity, or direct
sunlight.
2. Do not bend the Card or subject it to shock.
3. Do not apply excess force to the Card when inserting or removing it.
4. Do not remove the Card while the Memory Card indicator is lit; doing so may
result in data errors in the memory.
Mounting a Memory Card
Assembly
Section 3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com