Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 43Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 44Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 45Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 46Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 47Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 48Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 49Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 50Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 182 page
background image
34
Each Expansion I/O and Expansion CPU Rack is assigned a rack number from 1
through 7. Set the rack number on the rack number switch. Words are allocated
to Racks in order according to rack numbers, starting from the CPU Rack, which
is always rack number 0.
Set the rack number switch using a standard screwdriver. If a number other than
1 through 7 is assigned, or the same rack number is set to more than one Rack,
the PC will not operate
Note Turn OFF the power to the PC before setting the rack number switches.
Display
The display on the I/O Interface Unit is identical to that on the I/O Control Unit on
the CPU Rack. For details on the data displayed in each mode, refer to
2-3-2 I/O
Control Unit.
The I/O Interface Unit CV500-II201 for Expansion I/O Racks provides a connec-
tor for connecting a Peripheral Device. One Peripheral Device (CVSS or Pro-
gramming Console) can be connected per to the CPU or I/O Interface Units for
each PC, although additional Peripheral Devices can be connected to Slave
Racks if a SYSMAC BUS/2 System is used. Whether mounted to the CPU or an
I/O Interface Unit, the operation of the Peripheral Device is the same.
Note When connecting a Peripheral Device to the CPU or an I/O Interface Unit, set the
baud rate of the CPU to 50k bps via the CPU DIP switch.
2-3-4 Power Supply Units
The Power Supply Unit is available in three models. The CV500-PS221 and
CVM1-PA208 run on 100 to 120 VAC or 200 to 240 VAC, and the CV500-PS211
runs on 24 VDC. Both Power Supply Units can be used with any CPU Rack, Ex-
pansion CPU Rack, Expansion I/O Rack, or Remote I/O Slave Rack. The table
below summarizes the output capacity of the two models.
Model
Supply voltage
Output power
CVM1-PA208
100 to 120/200 to 240 VAC
8 A at 5 VDC
CV500-PS221
12 A at 5 VDC
CV500-PS211
24 VDC
12 A at 5 VDC
Note The total power consumed by each Rack must be within the values stated in the
table above. For example, do not mount Units with a total current consumption
greater than 12 A to a Rack supplied by a 12-A Power Supply Unit.
Rack Number Switch
Peripheral Device
Connector
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com