Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 68 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 68 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 67Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 68Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 69Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 70Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 71Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 72Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 182 page
background image
55
3-4-3 Wiring Other Terminals
The Power Supply Units provide a START input and a RUN output. These termi-
nals can be used to help control system operation.
START input (CPU Racks only)
24 V,10 mA
RUN output (all Racks)
Maximum Switching Capacity:
250 VAC: 2 A (resistive load, cos
f = 1)
250 VAC: 0.5 A (inductive load, cos
f = 0.4)
24 VDC: 2 A
To system con-
trol circuits
Emergency
stop circuit
Power supply
Note
1. Use reinforced insulation or double insulation on the DC power supply con-
nected to CV500-PS211 Power Supply Unit when complying with EC direc-
tives (low voltage).
2. The maximum switching capacity of the CV500-PS211 Power Supply Unit is
2 A at 24 VDC when complying with EC Directives (low-voltage directives).
START Input
The START input terminals are short-circuited at the factory with a short bar. The
short bar can be removed and the terminals wired to a 10-mA, 24-VDC external
input to control PC operation. When these terminals are open, PC operation will
stop.
RUN Output
The RUN output terminals will be ON (closed) when the PC is operating in RUN
or MONITOR mode. These terminals can thus be wired to provide an external
signal indicating the operating status of the PC, such as is used in the emergen-
cy stop circuit in the next section.
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com