Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 66 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 66 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 62Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 67Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 68Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 69Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 70Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 182 page
background image
!
53
Surge Current
The surge current for the DC Power Supply Unit under maximum load conditions
is shown below. Consider the surge current characteristics when selecting the
power source, switches, breakers, etc.
Input: 24 VDC; load: 12 A at 5 V (maximum load); ambient temp.: 25
°C.
Time (ms)
Electric
current
(A)
Use crimp terminals for wiring. Do not connect bare stranded wires directly to
terminal blocks. Use M3.5 screws for tightening crimp terminals.
7 mm max.
7 mm max.
Tighten the screws on the terminal block to a torque of 0.8 N
S m.
M3.5 screw
Tightening torque: 0.8 N
S m
20 mm max.
Caution
Abide by the following precautions when wiring the Power Supply Units. Failure
to abide by these precautions my cause faulty operation or damage to the Unit.
• Be sure that no wire clippings or other foreign materials enter the Units when
wiring.
• Provide circuit breakers and other protective devices to protect the system
again external short circuits.
• Check and recheck all wiring before supplying power to the system.
• After wiring the terminals check the terminal block to be sure it is firmly locked
in place.
3-4-2 Grounding
The line ground (LG:
) terminal of the Power Supply Unit is a noise-filtered
neutral terminal. Short the line ground terminal to the ground (GR:
) terminal to
improve noise resistance.
To avoid electrical shock, attach a grounded AWG 14 wire (cross-sectional area
of 2 mm2) to the ground terminal. The ground resistance must be 100
W or less
and must be checked periodically to be sure that environmental conditions have
not deteriorated ground capacity. Do not use a wire longer than 20 m.
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com