Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 77 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 77 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 73Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 74Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 75Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 76Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 77Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 78Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 79Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 80Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 81Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 182 page
background image
64
If the leakage current is less than 1.3 mA, there should be no problem. If the leak-
age current is greater than 1.3 mA, determine the value and rating for the bleed-
er resistor using the following formulas.
I = leakage current in mA
7.2
2.4 x I - 3
R =
k
W max.
W =
2.3
R
W min.
where
I = leakage current in mA
R = Bleeder resistance (k
W)
W = Bleeder resistor wattage (W)
Output Units
Output Short Protection
Output devices and Output Units can be damaged if the load connected to an
output terminal is shorted. Attach a fuse to the output circuit to protect your sys-
tem. A fuse is recommended even if the Output Unit is provided with an internal
fuse (e.g., Transistor and Triac Output Units), to increase easy of maintenance
and provide extra protection.
Interlock Circuits
When the PC controls an operation such as the clockwise and counterclockwise
operation of a motor, provide an external interlock such as the one shown below
to prevent both the forward and reverse outputs from turning ON at the same
time.
PC
MC2
MC1
00501
00502
MC1
MC2
Motor clockwise
Motor counterclockwise
Interlock circuit
This circuit prevents outputs MC1 and MC2 from both being ON at the same
time. Even if the PC is programmed improperly or malfunctions, the motor is pro-
tected.
Output Leakage Current
If a transistor or triac Output Unit is used to drive a low voltage load, the leakage
current may prevent the output device from turning OFF. To prevent this, con-
nect a bleeder resistor in parallel with the load as shown in the following table.
PC
Load power supply
OUT
COM
Bleeder resistor
L
R
Select the bleeder resistor using the following formula.
EON
I
R
where
I = leakage current in mA
R = Bleeder resistance (k
W)
Eon = ON voltage of the load
Wiring I/O Units
Section 3-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com