Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G5A2-RPT01-PE Datasheet(PDF) 64 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 64 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 60Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 61Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 62Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 67Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 68Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 182 page
background image
!
!
51
3-4-1 Wiring the Power Source
The following diagrams show the proper way to connect the power source to the
Power Supply Unit. The terminals marked “NC” are not connected internally.
AC Power Supply Units: CV500-PS221/CVM1-PA208
1:1 isolation
transformer
Screw (3.5 mm head with
self-raising pressure plate)
Isolation transformer
• Noise between the PC
and ground can be signif-
icantly reduced by con-
necting a 1-to-1 isolation
transformer. Do not
ground the secondary
coil of the transformer.
AC power source
• Supply 100 to 120 or
200 to 240 VAC
• Keep voltage fluc-
tuations within the spe-
cified range (refer to
Appendix B Specifica
-
tions)
Breaker
Power Line
• Use AWG 14
twisted-pair cable
(cross-sectional
area: 2 mm2 min.
Use round crimp terminals for wiring. Do not connect bare stranded wires direct-
ly to terminal blocks. Use M3.5 screws for tightening crimp terminals.
7 mm max.
Caution
Tighten the screws on the terminal block of the AC Power Supply Unit to a torque
of 0.8 N
S m. The loose screws may result in short-circuit, burning, or malfunc-
tion.
M3.5 screw
Tightening torque: 0.8 N
S m
20 mm max.
WARNING Do not allow your hands or any other part of your body, or any object in contact
with your body, to come into contact with the AC power supply section after
power has been turned on. Contact with the power supply section will result in a
dangerous or fatal electrical shock.
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com