Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 14/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
23
PWRON
I
Power On-Off key input,Internal 100k pull high to APS
24
BIAS
IO
External 200Kohm 1% resistor
25
VREF
O
Internal reference voltage
26
VINT
PO
Internal logic power, 2.5V
27
PWREN
IO
it is the Low-voltage Power domain enable signal
28
LDO1
O
LDO1 output,for Host RTC block
29
SYSEN
IO
it is the High-voltage Power domain enable signal
30
BACKUP
IO
Backup battery pin
31
VBUS
PI
USB VBUS input
32,33 ACIN
PI
Adapter input
34,35 BAT
IO
Main Battery
36
CHGLED
O
charger status indication
37
TS
I
Battery Temperature sensor input or an external ADC input
38,39 IPSOUT
PO
System power source
40
EXTEN
O
External power module Enable
41
GPIO3
I
GPIO3
42
GPIO4
I
REG95H[7]
GPIO4
43
NC
O
NC
44
VIN1
PI
DCDC1 input source
45
LX1
IO
Inductor Pin for DCDC1
46
PGND1
G
NMOS Ground for DCDC1
47
DCDC1
I
DCDC1 feedback pin
48
IRQ/
WAKEUP
IO
IRQ output or wakeup
49
EP
G
Exposed Pad, need to connect to system ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com