Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AXP192 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 5/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
3.典型应用(Typical Application)
AXP192
WAKEUP/IRQ
PWRON
PWROK/N_LBO
TS
BAT
APS
VIN2
GND
GND
C14
HOST
10uF
1nF
10uF
4.7uH
2.2uH
Reset
Power On/Off
GND
GND
1uF
4.7u
C13
10u
C16
4.7uF
LDO1
LDO2
LX2
DCDC2
LX1
DCDC1
EXTEN
DCDC2
DCDC1
VIN1
LDO2
LDO1
GND
IPSOUT
10K 1%
470ohm
CHGLED
IPSOUT
VREF
0.22u
GND
GND
IPSOUT
GND
10uF
IPSOUT
C3
GND
0.22u
IPSOUT
VBUS
Adapter
EXT_WAKEUP
SCK
SCK
SDA
SDA
RESET
DRVVBUS
C9 1u
10uF
1nF
IPSOUT
PWREN
PWREN
DCDC3
VBUS
IPSOUT
BAT
ACIN
PGND2
PGND1
LDO3
4.7uF
0 Ohm
2.2k
2.2k
51k
VCCIO
C21
C22
C24
C2
C1
GND
GND
LDO3
BIAS
VINT
200K
C6
1uF
N_VBUSEN
N_RSTO
GND
GND
1nF
4.7uH
2.2uF
C19
LX3
DCDC3
VIN3
IPSOUT
10uF
PGND3
GPIO0/LDOio0
AGND
SYSEN
VCCIO
GPIO1
GPIO2
N_OE
BACKUP
ACIN
GPIO4
NC
GPIO3
GND
SYSEN
10k
N_RSTI
LDOIN
C20
10uF
GND
IPSOUT
1 Ohm
C10
4.7uF
4.7uF
C8
C11
C12
C15
C17
C18
0 Ohm
C23
1uF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
EP
49
GND
GND
GND
GND
GND
GND
LDO1
10k
LDO1 NC/51k
LDO1
10k
LDO1
10k
EXTEN
C6
2.2ohm
C6
2.2ohm
4.7uF
C25
GND
100p
1K
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com