Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 33/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
1
指示
ACIN 和 VBUS 输入是否在 PCB 被短接
R
0
指示启动源是否为
ACIN 或 VBUS
0:启动源非 ACIN/VBUS; 1:启动源为 ACIN/VBUS
R
REG 01H:电源工作模式以及充电状态指示
Bit
描述
R/W
7
指示
AXP192 是否过温
0:未过温; 1:过温
R
6
充电指示
0:未充电或充电已完成; 1:正在充电
R
5
电池存在状态指示
0:无电池连接到 AXP192; 1:电池已经连接到 AXP192
R
4
保留,不可更改
R
3
指示电池是否进入激活模式
0:未进入电池激活模式; 1:已进入电池激活模式
R
2
指示充电电流是否小于期望电流
0:实际充电电流等于期望电流; 1:实际充电电流小于期望电流
R
1
AXP192 开关机方式指示
0:方式 A; 1:方式 B
R
0
保留,不可更改
R
REG 02H:USB OTG VBUS 状态指示
Bit
描述
R/W
7-3
保留,不可更改
2
指示
VBUS 是否有效,1 表示有效
R
1
指示
VBUS Session A/B 是否有效,1 表示有效
R
0
指示
Session End 状态,1 表示有效
R
REG 06-0BH:数据缓存
注
:只要外部电源、电池或备用电池某一路电源存在,此数据就会一直保存,不受开关机影响。
默认值为
F0/0F/00/FF/00/00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com