Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 42/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
10:ADC 采样时输入,可以省电
11:一直打开
REG 85H:ADC 输入范围
默认值
:X0H
Bit
描述
R/W
默认值
7-4
保留,不可更改
3
GPIO3 ADC 输入范围
RW
0
2
GPIO2 ADC 输入范围
RW
0
1
GPIO1 ADC 输入范围
RW
0
0
GPIO0 ADC 输入范围
0:0-2.0475V
1:0.7-2.7475V
RW
0
REG 86H:GPIO1 ADC IRQ 上升沿门限设置
默认值
:FFH
Bit
描述
R/W
默认值
7-0
一个
LSB 为 8mV
RW
FF
REG 87H:GPIO1 ADC IRQ 下降沿门限设置
默认值
:00H
Bit
描述
R/W
默认值
7-0
一个
LSB 为 8mV
RW
00
REG 8AH:定时器控制
默认值
:00H
Bit
描述
R/W
默认值
7
定时器超时
写
1 清除此状态
RW
0
6-0
设置定时时间,单位为分
写全
0 则关闭此定时器
RW
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com