Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 36/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
REG 28H:LDO2/3 输出电压设置
默认值
:CFH
Bit
描述
R/W
默认值
7
LDO2 输出电压设置 Bit3
RW
X
6
LDO2 输出电压设置 Bit2
RW
X
5
LDO2 输出电压设置 Bit1
RW
X
4
LDO2 输出电压设置 Bit0
1.8-3.3V, 100mV/step
RW
X
3
LDO3 输出电压设置 Bit3
RW
X
2
LDO3 输出电压设置 Bit2
RW
X
1
LDO3 输出电压设置 Bit1
RW
X
0
LDO3 输出电压设置 Bit0
1.8-3.3V, 100mV/step
RW
X
REG 30H:VBUS-IPSOUT 通路管理
默认值
:6XH
Bit
描述
R/W
默认值
7
VBUS 可用时 VBUS-IPSOUT 通路选择控制信号
0:由 N_VBUSEN pin 决定是否打开此通路
1:VBUS-IPSOUT 通路可以被选择打开,不管 N_VBUSEN 的状态
RW
0
6
VBUS VHOLD 限压控制
0:不限压; 1:限压
RW
1
5
VHOLD 设置 Bit 2
RW
1
4
VHOLD 设置 Bit 1
RW
0
3
VHOLD 设置 Bit 0
000: 4.0V; 001: 4.1V; 010: 4.2V
011: 4.3V; 100: 4.4V; 101: 4.5V
110: 4.6V; 111: 4.7V
RW
0
2
保留,不可更改
1
VBUS 限流控制使能信号
0:关闭; 1:打开
RW
X
0
VBUS 限流控制打开时限流选择
0:500mA; 1:100mA
RW
0
REG 31H:VOFF 关机电压设置
默认值
:X3H
Bit
描述
R/W
默认值
7-4
保留,不可更改
3
Sleep 模式下 PWRON 短按唤醒功能使能设置:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com