Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 25/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
TDK VLF5014ST-4R7M1R7
1700mA@4.7uH
98mOhm
TDK SLF6045T-4R7N2R4-3PF
2400mA@4.7uH
27mOhm
电容
型号
温度特性
容差
TDK C2012X5R0J475K
X5R/X7R
10%@4.7uF
TDK C2012X5R0J106K
X5R/X7R
10%@10uF
Murata GRM31E71A475K
X7R
10%@4.7uF
Murata GRM21E71A106K
X7R
10%@10uF
Murata GRM31E71A106K
X7R
10%@10uF
LDO1
LDO1 永远开启,可以为应用系统的实时时钟电路(RTC)提供不间断的电源,其驱动能力为 30mA。
LDO2/3
LDO2/3 采用了低噪声设计,可以为应用系统的模拟电路提供电源,其驱动能力为 200mA。
LDOIO0
LDOIO0 也采用了低噪声的设计,输出驱动能力为 50mA。
软启动(Soft Start)
所有
DC-DC 和 LDO 都支持软启动的输出建立方式,避免启动时电流的突然变化对输入通路的冲击。
自诊断:负载监测与限流保护
所有
DC-DC 和 LDO 都有负载监测和限流功能,当负载电流超过其驱动能力时,各输出电压都会下
降,以保护内部电路。三个
DC-DC 输出电压低于设定电压的 85%时,AXP192 自动关机。同时系统内部
自动记录具体因哪一路输出电压过低导致关机
(参见寄存器 REG46H[5:2])并发出相应的 IRQ。
所有
DC-DC 不需要外部的肖特基二极管和电阻分压反馈电路。如果应用中不需要用到某个 DC-DC,
只需要将对应的
LX 管脚悬空即可。
9.6 默认电压/启动时序的设置(Default Voltage/Timing Setting)
AXP192 可定制各路电源的默认电压、启动时序等。
启动时序
:共包含 8 级启动,即 0-7,其中第 7 级表示上电默认不启动此路电源。其他 0-6 级分别表示
第
1-7 步启动此路电源。同时可设置每步启动时间间隔,可选范围为 1、4、16mS。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com