Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP192 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 8/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
tf
Clock Data Fall Time
2.2Kohm Pull High
60
ns
tr
Clock Data Rise Time
2.2Kohm Pull High
100
ns
DCDC
fOSC
Oscillator Frequency
Default
1.5
MHz
DCDC1
IVIN1
Input Current
PFM Mode
IDC1OUT =0
26
μA
ILIM1
PMOS Switch Current Limit
PWM Mode
1600
mA
IDC1OUT
Available Output Current
PWM Mode
1200
mA
VDC1OUT
Output Voltage
Default
0.7
3.3
3.5
V
DCDC2
IVIN2
Input Current
PFM Mode
IDC2OUT =0
20
μA
ILIM2
PMOS Switch Current Limit
PWM Mode
2300
mA
IDC2OUT
Available Output Current
PWM Mode
1600
mA
VDC2OUT
Output Voltage Range
0.7
1.25
2.275
V
DCDC3
IVIN3
Input Current
PFM Mode
IDC3OUT =0
20
uA
ILIM3
PMOS Switch Current Limit
PWM Mode
1000
mA
IDC3OUT
Available Output Current
PWM Mode
700
mA
VDC3OUT
Output Voltage Range
0.7
2.5
3.5
V
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
LDO1
VLDO1
Output Voltage
ILDO1=1mA
-1%
1.25
1.8
2.5
3.3
1%
V
ILDO1
Output Current
30
mA
LDO2
VLDO2
Output Voltage
ILDO2=1mA
-1%
3
1%
V
ILDO2
Output Current
200
mA
IQ
Quiescent Current
100
μA
PSRR
Power Supply Rejection Ratio
ILDO2=60mA,1KHz
TBD
dB
eN
Output Noise,20-80KHz
Vo=3V , Io=150mA
28
μVRMS
LDO3
VLDO3
Output Voltage
ILDO3=1mA
-1%
3.3
1%
V
ILDO3
Output Current
200
mA
IQ
Quiescent Current
100
μA
PSRR
Power Supply Rejection Ratio
ILDO3=10mA, 1KHz
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com