Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 64 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 64 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 60Page - STMicroelectronics VL6180X Datasheet HTML 61Page - STMicroelectronics VL6180X Datasheet HTML 62Page - STMicroelectronics VL6180X Datasheet HTML 63Page - STMicroelectronics VL6180X Datasheet HTML 64Page - STMicroelectronics VL6180X Datasheet HTML 65Page - STMicroelectronics VL6180X Datasheet HTML 66Page - STMicroelectronics VL6180X Datasheet HTML 67Page - STMicroelectronics VL6180X Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
Device registers
VL6180X
64/79
DocID026171 Rev 6
6.2.42
RESULT__RANGE_VAL
Address:
0x062
Type:
R
Reset:
0x0
Description:
6.2.43
RESULT__RANGE_RAW
Address:
0x064
Type:
R
Reset:
0x0
Description:
6.2.44
RESULT__RANGE_RETURN_RATE
Address:
0x066
Type:
R
Reset:
0x0
Description:
7
654
321
0
result__range_val
R
[7:0]
result__range_val: Final range result value presented to the user for use. Unit is in mm.
7
654
321
0
result__range_raw
R
[7:0]
result__range_raw: Raw Range result value with offset applied (no cross talk compensation
applied). Unit is in mm.
15
14
13
12
11
10
9876543210
result__range_return_rate
R
[15:0]
result__range_return_rate: sensor count rate of signal returns correlated to IR emitter.
Computed from RETURN_SIGNAL_COUNT / RETURN_CONV_TIME. Mcps 9.7 format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com