Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 12 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 8Page - STMicroelectronics VL6180X Datasheet HTML 9Page - STMicroelectronics VL6180X Datasheet HTML 10Page - STMicroelectronics VL6180X Datasheet HTML 11Page - STMicroelectronics VL6180X Datasheet HTML 12Page - STMicroelectronics VL6180X Datasheet HTML 13Page - STMicroelectronics VL6180X Datasheet HTML 14Page - STMicroelectronics VL6180X Datasheet HTML 15Page - STMicroelectronics VL6180X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
Functional description
VL6180X
12/79
DocID026171 Rev 6
2
Functional description
This section gives an overview of the key features of the VL6180X and describes the
different modes of operation of the ALS and proximity sensors.
Typical ranging performance of the VL6180X is shown in Figure 6. This demonstrates the
reflectance independence and range accuracy of the VL6180X from 0 to 100 mm for 3%,
5%, 17% and 88% reflective targets. The example shown here is with ST cover glass and a
1.0 mm air gap.
Figure 7 shows typical ALS linearity vs gain over a wide dynamic range. More details about
the ambient light sensor can be found in Section 2.13.
Figure 6. Typical ranging performance
Figure 7. ALS linearity
>
>
'
'
'
'
'
'
'
'
^
>
Y
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com