Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 67 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 63Page - STMicroelectronics VL6180X Datasheet HTML 64Page - STMicroelectronics VL6180X Datasheet HTML 65Page - STMicroelectronics VL6180X Datasheet HTML 66Page - STMicroelectronics VL6180X Datasheet HTML 67Page - STMicroelectronics VL6180X Datasheet HTML 68Page - STMicroelectronics VL6180X Datasheet HTML 69Page - STMicroelectronics VL6180X Datasheet HTML 70Page - STMicroelectronics VL6180X Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
DocID026171 Rev 6
67/79
VL6180X
Device registers
78
6.2.50
RESULT__RANGE_RETURN_CONV_TIME
Address:
0x07C
Type:
R
Reset:
0x0
Description:
6.2.51
RESULT__RANGE_REFERENCE_CONV_TIME
Address:
0x080
Type:
R
Reset:
0x0
Description:
6.2.52
READOUT__AVERAGING_SAMPLE_PERIOD
Address:
0x10A
Type:
R/W
Reset:
0x30
Description:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
result__range_return_conv_time
R
[31:0]
result__range_return_conv_time: sensor count output value attributed to signal on the Return
array.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
result__range_reference_conv_time
R
[31:0]
result__range_reference_conv_time: sensor count output value attributed to signal on the
Reference array.
7
654
321
0
readout__averaging_sample_period
R/W
[7:0]
readout__averaging_sample_period: The internal readout averaging sample period can be
adjusted from 0 to 255. Increasing the sampling period decreases noise but also reduces the
effective max convergence time and increases power consumption:
Effective max convergence time = max convergence time - readout averaging period (see
Section 2.5: Range timing). Each unit sample period corresponds to around 64.5 µs additional
processing time. The recommended setting is 48 which equates to around 4.3 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com