Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 10 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 6Page - STMicroelectronics VL6180X Datasheet HTML 7Page - STMicroelectronics VL6180X Datasheet HTML 8Page - STMicroelectronics VL6180X Datasheet HTML 9Page - STMicroelectronics VL6180X Datasheet HTML 10Page - STMicroelectronics VL6180X Datasheet HTML 11Page - STMicroelectronics VL6180X Datasheet HTML 12Page - STMicroelectronics VL6180X Datasheet HTML 13Page - STMicroelectronics VL6180X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
Overview
VL6180X
10/79
DocID026171 Rev 6
1.4
Application schematic
Figure 3 shows the schematic of the VL6180X.
Figure 3. Root part number 1 schematic
1.
Open drain. Recommend 47
k
Ω
2.
Open drain. Pull up resistors typically fitted once per I2C bus at host
3.
No connects can also be grounded if required
Note:
Capacitors on AVDD and AVDD_VCSEL should be placed as close as possible to the
supply pads.
Table 2. VL6180X pin numbers and signal descriptions
Pin number
Signal name
Signal type
Signal description
1
GPIO1
Digital I/O
Interrupt output. Open-drain.
2
NC
No connect or ground
3
NC
No connect or ground
4
GPIO0/CE
Digital I/O
Power-up default is chip enable
(CE). It should be pulled high with a
47 k
Ω resistor.
5
SCL
Digital input
I2C serial clock
6
SDA
Digital I/O
I2C serial data
7
NC
No connect or ground
8
AVDD_VCSEL
Supply
VCSEL power supply. 2.6 to 3.0 V
9
AVSS_VCSEL
Ground
VCSEL ground
10
AVDD
Supply
Digital/analog power supply. 2.6 to
3.0 V
11
NC
No connect or ground
12
AVSS
Ground
Digital/analog ground
VL6180X
1
6
7
12
GPIO1
NC
NC(3)
SCL
SDA
GPIO0
AVSS
AVDD
NC
AVDD_VCSEL
NC
AVSS_VCSEL
3
4
5
8
9
10
11
2
2.8V
1.8V or 2.8V
GPIO1(1)
GPIO0(1)
SCL(2)
SDA(2)
4.7 uF
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com